Part Number Hot Search : 
USB3300 CO55B UNR31AT DTC123 5MLN4120 52AMI11L 1N6148US BCR8CS
Product Description
Full Text Search
 

To Download NMC-P1206NPO105K16TRPF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nmc-p series multilayer ceramic chip capacitors temperature coef? cient npo x7r capacitance range 2.2pf ~ 0.22 f 180pf ~ 10 f capacitance tolerance for 2.2pf ~ 10pf: 0.1pf (b), 0.25pf (c), 0.5pf (d), 1pf (f) above 10pf: 1% (f), 2% (g), 5% (j), 10% (k) 10% (k) & 20% (m) operating temperature range -55c ~ +125c temperature characteristics 30ppm/c 15% ? cap. rated voltages 16vdc, 25vdc, 50vdc, 100vdc, 200vdc, 250vdc, 500vdc, 630vdc, 1kvdc, 2kvdc, 3kvdc & 5kvdc q or dissipation factor q = > 1000 (more then 30pf)* q = > 400 + 20 x c in pf (30pf and below)* 2.5% max. @ 1khz, 1.0v 0.2vrms insulation resistance 10,000megohm or 500megohm/ f whichever is less @ +25c dielectric withstanding voltage 200% of rated voltage for 5 seconds, 50ma max. (16v ~ 250v) 150% of rated voltage for 5 seconds, 50ma max. (500v ~ 630v) 120% of rated voltage for 5 seconds, 50ma max. (1kv ~ 5kv) features  crack resistant termination  soft termination, open mode failure  wide voltage range (16v to 5kv)  high capacitance (up to 10 f)  rohs compliant  sac solder compatible** **re? ow soldering is recommended. contact nic regarding the use of other soldering methods. base layer (cu 50v ~ 250v) (ag 500v ~ up) flexible layer (polymer) barrier layer (ni) finish layer (sn) termination separation (open failure mode) construction open mode failure as a result of bending stress rohs compliant includes all homogeneous materials *see part number system for details *test frequency & voltage: up to 100pf 1mhz/1.0vrms, above 100pf 1khz/1.0vrms nmc-p 1206 x7r 105 k 50 trp or trplp f rohs compliant tape & reel (plastic carrier) tape & reel (paper carrier) voltage (vdc) capacitance tolerance code (see chart) capacitance code, expressed in pf, ? rst 2 digits are signi? cant, 3rd digit is no. of zeros temperature characteristic (npo or x7r) size code (see chart) series part number system nmc-p rev. 1 05302007
16 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nmc-p series multilayer ceramic chip capacitors npo values and sizes (mm) eia case size 0603 0805 1206 1210 length (l) 1.60 0.1 2.00 0.2 3.20 0.3 3.20 0.30 width (w) 0.80 0.1 1.25 0.25 1.60 0.2 2.50 0.20 thickness max. (t) 0.90 max. 1.45 max. 1.80 max. 2.60 max. termination width (p) 0.15 min. 0.20 min. 0.30 min. 0.30 min. capacitance working voltage (vdc) 200v 16 25 50 200 250 500 16 25 50 200 250 500 1kv 2kv 3kv 16 25 50 200 250 500 2.0pf 3.3 3.9 5.0 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001 f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 f 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.1
17 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com npo values and sizes (mm) eia case size 1808 1812 1825 2220 2225 length (l) 4.60 0.3 4.60 0.3 4.60 0.3 5.70 0.4 5.70 0.4 width (w) 2.00 0.2 3.20 0.3 6.35 0.4 5.00 0.4 6.35 0.4 thickness max. (t) 2.20 max. 3.00 max. 2.60 max. 3.00 max. 3.00 max. termination width (p) 0.30 min. 0.30 min. 0.30 min. 0.30 min. 0.30 min. capacitance working voltage (vdc) 1kv 2kv 3kv 5kv 16 25 50 1kv 2kv 3kv 250 500 1kv 1kv 5kv 250 500 1kv 2.0pf 3.3 3.9 5.0 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 0.001 f 0.0012 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.0082 0.01 f 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.1 0.12 0.15 0.22 nmc-p series multilayer ceramic chip capacitors
18 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com x7r low voltage values and sizes (mm) eia case size 0805 1206 1210 1812 1825 2220 2225 length (l) 2.00 0.2 3.20 0.3 3.20 0.3 4.60 0.3 4.60 0.3 5.70 0.4 5.70 0.4 width (w) 1.25 0.25 1.60 0.2 2.50 0.2 3.20 0.3 6.35 0.4 5.00 0.4 6.35 0.4 thickness max. (t) 1.45 max. 1.80 max. 2.60 max. 3.00 max. 2.60 max. 3.00 max. 3.00 max. termination width (p) 0.20 min. 0.30 min. 0.30 min. 0.30 min. 0.30 min. 0.30 min. 0.30 min capacitance working voltage (vdc) 50 100 50 100 50 100 50 100 50 100 50 100 50 100 0.1 f 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 nmc-p series multilayer ceramic chip capacitors x7r high v0ltage values and sizes (mm) eia case size 0805 1206 1210 length (l) 2.00 0.2 3.20 0.3 3.20 0.3 width (w) 1.25 0.25 1.60 0.2 2.50 0.2 thickness max. (t) 1.45 max. 1.80 max. 2.60 max. termination width (p) 0.20 min. 0.30 min. 0.30 min. capacitance working voltage (vdc) 200 250 500 200 250 500 630 1k 200 250 500 1k 180pf 220 270 330 390 470 560 680 0.001 f 0.0015 f 0.0022 f 0.0027 f 0.0033 f 0.0039 f 0.0047 f 0.0056 f 0.0068 f 0.01 f 0.012 f 0.015 f 0.018 f 0.022 f 0.027 f 0.033 f 0.039 f 0.047 f 0.056 f 0.068 f 0.1 f 0.12 f 0.15 f 0.18 f 0.22 f
19 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com p p l w h 100% sn over ni barrier x7r high v0ltage values and sizes (mm) eia case size 1808 1812 1825 2220 2225 length (l) 4.60 0.3 4.60 0.3 4.60 0.3 5.70 0.4 5.70 0.4 width (w) 2.0 0.2 3.2 0.3 6.35 0.4 5.00 0.4 6.35 0.4 thickness max. (t) 2.20 max. 3.00 max. 2.60 max. 3.00 max. 3.00 max. termination width (p) 0.30 min. 0.30 min. 0.30 min. 0.30 min. 0.30 min. capacitance working voltage (vdc) 500 1k 2k 3k 200 250 500 1k 2k 3k 250 500 1k 250 500 1k 2k 250 500 1k 150pf 180 220 270 330 390 470 560 680 0.001 f 0.0015 0.0018 0.0022 0.0027 0.0033 0.0039 0.0047 0.0056 0.0068 0.01 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.1 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 1.0 1.5 2.2 nmc-p series multilayer ceramic chip capacitors


▲Up To Search▲   

 
Price & Availability of NMC-P1206NPO105K16TRPF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X